Part Number Hot Search : 
M204SD 120H2M5A RJK0362 TB1012F MM3Z5543 04597 10LFT D2454
Product Description
Full Text Search
 

To Download F1174 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 polyfet rf devices
General Description Silicon VDMOS and LDMOS transistors designed specifically for broadband RF applications. Suitable for Military Radios, Cellular and Paging Amplifier Base Stations, Broadcast FM/AM, MRI, Laser Driver and others. TM "Polyfet" process features gold metal for greatly extended lifetime. Low output capacitance and high Ft enhance broadband performance
Total Device Dissipation 380 Watts Junction to Case Thermal Resistance 0.45 o C/W Maximum Junction Temperature 200 o C Storage Temperature
F1174
PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR 130 Watts Gemini Package Style AR HIGH EFFICIENCY, LINEAR, HIGH GAIN, LOW NOISE
o
ABSOLUTE MAXIMUM RATINGS (TC = 25 C)
DC Drain Current Drain to Gate Voltage 70 V Drain to Source Voltage 70 V Gate to Source Voltage 30V
-65 o C to 150o C
16 A
RF CHARACTERISTICS ( 130 WATTS OUTPUT )
SYMBOL Gps PARAMETER Common Source Power Gai Drain Efficienc Load Mismatch Toleranc MIN 10 55 20:1 TYP MAX UNITS dB % Relative TEST CONDITIONS Idq = 1.6 A, Vds = 28.0 V, F = 400 MHz Idq = 1.6 A, Vds = 28.0 V, F = 400 MHz Idq = 1.6 A, Vds = 28.0 V, F = 400 MHz
VSWR
ELECTRICAL CHARACTERISTICS (EACH SIDE)
SYMBOL Bvdss Idss Igss Vgs gM Rdson Idsat Ciss Crss Coss PARAMETER Drain Breakdown Voltag Zero Bias Drain Curren Gate Leakage Curren Gate Bias for Drain Curren Forward Transconductanc Saturation Resistanc Saturation Curren Common Source Input Capacitanc Common Source Feedback Capacitanc Common Source Output Capacitanc 1 4 0.35 24 160 20 120 MIN 65 4 1 7 TYP MAX UNITS V mA uA V Mho Ohm Amp pF pF pF TEST CONDITIONS Ids = 0.2 A, Vgs = 0V Vgs = 0V Vgs = 30V Vgs = Vds
Vds = 28.0 V, Vds = 0 V, Ids = 0.4 A,
Vds = 10V, Vgs = 5V Vgs = 20V, Ids = 16 A Vgs = 20V, Vds = 10V Vds = 28.0 V, Vgs = 0V, F = 1 MHz Vds = 28.0 V, Vgs = 0V, F = 1 MHz Vds = 28.0 V, Vgs = 0V, F = 1 MHz
POLYFET RF DEVICES
REVISION 1/12/98
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
F1174
POUT VS PIN GRAPH
F1174 POUT VS PIN F=400 MHZ; IDQ=1.6A; VDS=28.0V
180 160 140 120 100 80 60 40 20 0 0 5 10
PIN IN WATTS 1000
CAPACITANCE VS VOLTAGE
F1J 4 DICE CAPACITANCE
12.50 12.00 11.50 11.00 10.50 10.00
10 100
Ciss Coss Crss
Efficiency = 55%
9.50 9.00 8.50 8.00 15 20
POUT
1 0 5 10 15 20 25 30
25
GAIN
VDS IN VOLTS
IV CURVE
F1J4DICEIV
35 30 25 ID IN AMPS 20 15 10 5 0 0 2 vg=2v 4 6 Vg=4v 8 10 12 V SINV L S D OT vg=8v 14 vg=10v 16 18 vg=12v 20
ID AND GM VS VGS
F1J 4 DICE ID & GM Vs VG
100.00
Id in amps; Gm in mhos
10.00
Id
gM
1.00
0.10
0
2
4
6
8
10
12
14
16
18
Vg=6v
Vgs in Volts
S11 AND S22 SMITH CHART
PACKAGE DIMENSIONS IN INCHES
POLYFET RF DEVICES
REVISION 1/12/98
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com


▲Up To Search▲   

 
Price & Availability of F1174

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X